Part Number Hot Search : 
B1624 SC4532 F50TA1 MAX70 MAX70 MAX70 CD29DHR 51100
Product Description
Full Text Search
 

To Download PC113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Minature 15 Amp General Purpose Relay
PC113
FEATURES 1, 2, 3 and 4 pole contact forms 10 & 15 amp switching capacity AC and DC coils available Available as Plug in or with PC pins Available with gold plated contacts UL Class B insulation standard Arc barrier equipped Available with top mounting flange Now available Lead Free & RoHS Compliant
UL/CUR RATINGS
Load Type Voltage 277 VAC 250 VAC 28 VDC 125 VAC 250 VAC 1 Form C (SPDT) 12 A 15 A 15 A 1/2 HP 1/2 HP 3750 VA 420 W 2, 3 & 4 Form C (DPDT, 3PDT & 4PDT) 10 A 12 A 12 A 1/2 HP 1/2 HP 3000 VA 336 W
File # E86876
CONTACT DATA
Material Initial Contact Resistance Service Life Mechanical Electrical AgCdO (Silver Cadmium Oxide) 50 milliohms max @ 1A, 6VDC 1 X 107 Operations 1 X 10 5 Operations
General Purpose
Motor Max. Switching Power
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Shock Resistance Vibration Resistance Power Consumption Ambient Temperature Range Weight 25 ms. Max. 25 ms. Max. 1,000 megohms min, at 500VDC, 50%RH 1500 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 1000 Vrms, 1 min. between contact poles 10 g, 11ms, functional; 100 g, destructive DA 1.5mm, 10-55 Hz
1 & 2 Pole DC .9 W, AC 1.2 VA, 3 Pole DC 1.4 W, AC 2.0 VA 4 Pole DC 1.5 W, AC 2.5 VA
-55 to 70 C, -55 to 130 C storage 37 grams (1 & 2C), 50 grams (3C), 70 grams (4C)
ORDERING INFORMATION
Example: PC113 -3C -P -C1 -120A -LD -X Contacts:1A, B or C; 2A, B or C 3A, B or C; 4A, B or C Terminal Type Nil: Solder Lugs; P: PC Pins Case Style Nil: Plain Case; C1: Flange Mount Case Coil XXXA: AC Coil; XXXD: DC coil Options Nil: None; G: Gold Plated Contacts; L: LED indicator; D: Internal Diode RoHS Compliant Nil: Not Rohs, -X: RoHS Compliant
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
PC113 Rev E 5-3-05
Note: LED polarity is positive on terminal 8 negative on terminal 7
PAGE 1
PC113
COIL DATA 1 and 2 Pole
Voltage Type Coil Voltage 6 12 DC 24 48 110 220 6 12 AC 24 48 120 220 / 240 Resistance ohms + 10% 40 160 650 2560 13444 53778 11.5 46.0 184 735 4550 14400 1.2 VA 0.9 W Coil Power Must Operate Voltage Max. 4.8 9.6 19.2 38.4 88.0 176.0 4.8 9.6 19.2 38.4 96.0 176.0
PC113
Must Release Voltage Min. 0.6 1.2 2.4 4.8 11.0 22.0 1.8 3.6 7.2 14.4 36.0 66.0
3 Pole
6 12 DC 24 48 110 220 6 12 AC 24 48 120 220 / 240 25.7 107 410 1700 8500 34571 6.70 24.0 100 410 2450 8600 2.0 VA 1.4 W 4.8 9.6 19.2 38.4 88.0 176.0 4.8 9.6 19.2 38.4 96.0 176.0 0.6 1.2 2.4 4.8 11.0 22.0 1.8 3.6 7.2 14.4 36.0 66.0
4 Pole
6 12 DC 24 48 110 220 6 12 AC 24 48 120 220 / 240 25 100 350 1600 6900 32267 5.0 20 78 320 2200 6700 2.5 VA 1.5 W 4.8 9.6 19.2 38.4 88.0 176.0 4.8 9.6 19.2 38.4 96.0 176.0 0.6 1.2 2.4 4.8 11.0 22.0 1.8 3.6 7.2 14.4 36.0 66.0
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net PAGE 2
PC113
.846 (21.5)
.846 (21.5)
PC113
1.38 (35.0)
1.38 (35.0)
.256 (6.5) .846 (21.5)
.187 (4.75)
.256 (6.5) 1.24 (31.5) .138 Typ. (3.5) 1.62 (41.0) 1.102 (28.0)
1
2 4 6
1
2 5 8
3 6 9
1
2 6 10
3 7 11
4 8 12
1.693 (43.0) 1.496 (38.0) 1.102 (28.0)
3 5
7
8
1.693 (43.0) 1.496 (38.0) 1.102 (28.0)
4 7
10
11
1.693 (43.0) 1.496 (38.0) 1.102 (28.0)
5 9
13
14
.56 (14.2) .39 (10)
.39 (10)
.39 (10)
.39 (10)
.39 (10)
.39 (10)
.181 (4.6) .236 (6.0) .281 (7.15)
Wiring Diagram 1 Pole
1 2 4 6 8
Wiring Diagram 2 Pole
1 3 2 4 6 8
Wiring Diagram 3 Pole
1 4 7 10 2 5 8 3 6 9 11
Wiring Diagram 4 Pole
1 5 9 13 2 6 10 3 7 11 4 8 12 14
3 5 7
5 7
Notes: Tolerances + .010 unless otherwise noted
3220 Commander Drive, Suite 102, Carrollton, Texas 75006 Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com PAGE 3


▲Up To Search▲   

 
Price & Availability of PC113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X